Part Number Hot Search : 
16N50 MC34081D 1SS420PT TLP62007 SUB610 ADM3488E MC162 140A0
Product Description
Full Text Search
 

To Download HIRF740 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200512 Issued Date : 2005.09.01 Revised Date : 2005.09.22 Page No. : 1/4
HIRF740 / HIRF740F
N-Channel Power MOSFET (400V, 10A)
HIRF740 Series Pin Assignment
Tab 3-Lead Plastic TO-220AB Package Code: E Pin 1: Gate Pin 2 & Tab: Drain Pin 3: Source
Description
This N-Channel MOSFETs provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and costeffectiveness.
2
3
1
Features
* Dynamic dv/dt Rating * Repetitive Avalanche Rated * Fast Switching * Ease of Paralleling * Simple Drive Requirements
1
3-Lead Plastic TO-220FP Package Code: F Pin 1: Gate Pin 2: Drain Pin 3: Source 3
2
Thermal Characteristics
Symbol RJC RJA Parameter Thermal Resistance Junction to Case Max. Thermal Resistance Junction to Ambient Max. Value TO-220AB TO-220FP 62 1.71 3.3 Units C/W C/W
HIRF740 Series Symbol D G S
Absolute Maximum Ratings
Symbol VDSS ID IDM VGS Drain-Source Voltage Drain to Current (Continuous)(VGS@10V, TC=25oC) Drain to Current (Continuous)(VGS@10V, TC=100 C) Drain to Current (Pulsed) Total Power Dissipation TO-220AB TO-220FP Derate above 25C TO-220AB TO-220FP Single Pulse Avalanche Energy*2 Avalanche Current
*1 *1 *1 o
Parameter
Value 400 10 6.3 40 20 74 38 0.59 0.3 520 10 13 4 -55 to 150 300
Units V A A A V W
Gate-to-Source Voltage (Continue)
PD
W/C mJ A mJ V/ns C C
EAS IAR EAR dv/dt TJ,Tstg TL
Repetitive Avalanche Energy Peak Diode Recovery
*3
Operating Junction and Storage Temperature Range Maximum Lead Temperature for Soldering Purposes, 1.6mm from case for 10 seconds
*1: Repetitive rating; pulse width limited by max. junction temperature *2: VDD=50V, starting Tj=25C, L=9.1mH, RG=25, IAS=10A *3: ISD10A, di/dt120A/us, VDDV(BR)DSS, TJ150C HIRF740, HIRF740F HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
ELectrical Characteristics (Tj=25C, unless otherwise specified)
Symbol V(BR)DSS Characteristic Drain-Source Breakdown Voltage (VGS=0V, ID=250uA)
o
Spec. No. : MOS200512 Issued Date : 2005.09.01 Revised Date : 2005.09.22 Page No. : 2/4
Min. 400 2
*4
Typ. 0.49 1400 330 120 14 27 50 24 4.5 7.5
Max. 25 250 100 -100 4 0.55 63 9 32 -
Unit V V/oC uA uA nA nA V S pF
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient (Reference to 25 C, ID=1mA) IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd LD LS Drain-Source Leakage Current (VDS=400V, VGS=0V) Drain-Source Leakage Current (VDS=320V, VGS=0V, Tj=125C) Gate-Source Leakage Current-Forward (Vgsf=20V, VDS=0V) Gate-Source Leakage Current-Reverse (Vgsr=-20V, VDS=0V) Gate Threshold Voltage (VDS=VGS, ID=250uA) Static Drain-Source On-Resistance (VGS=10V, ID=6A) Forward Transconductance (VDS=50V, ID=6A) Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Internal Drain Inductance (Measured from the drain lead 0.25" from package to center of die) Internal Source Inductance (Measured from the drain lead 0.25" from package to source bond pad) (VDS=320V, ID=10A, VGS=10V)
*4 *4
5.8 -
VDS=25V, VGS=0V, f=1MHz
(VDD=200V, ID=10A, RG=9.1, RD=20)*4
ns
nC
nH nH
*4: Pulse Test: Pulse Width300us, Duty Cycle2%
Source-Drain Diode
Symbol IS Characteristic Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)*1 Reverse Recovery Time Reverse Recovery Charge Diode Forward Voltage Forward Turn-On Time D MOSFET symbol showing the integral reverse PN junction diode G S 370 3.8 ** 40 790 8.2 2 A ns uC V Min. Typ. Max. Units 10 A
ISM trr Qrr VSD ton
IF=10A, di/dt=100A/us, TJ=25C*4 IS=10A, VGS=0V, TJ=25C (*4)
**: Negligible, Dominated by circuit inductance
HIRF740, HIRF740F
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-220AB Dimension
Marking:
A D B E C F
Pb Free Mark
Pb-Free: " . " (Note) Normal: None H
Spec. No. : MOS200512 Issued Date : 2005.09.01 Revised Date : 2005.09.22 Page No. : 3/4
I RF
740 Date Code Control Code
H I G Tab P L J M 3 2 1 O N K
Note: Green label is used for pb-free packing Pin Style: 1.Gate 2 & Tab.Drain 3.Source Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
DIM A B C D E F G H I J K L M N O P
Min. 5.58 8.38 4.40 1.15 0.35 2.03 9.66 3.00 0.75 2.54 1.14 12.70 14.48
Max. 7.49 8.90 4.70 1.39 0.60 2.92 10.28 *16.25 *3.83 4.00 0.95 3.42 1.40 *2.54 14.27 15.87
*: Typical, Unit: mm
3-Lead TO-220AB Plastic Package HSMC Package Code: E
TO-220FP Dimension
Marking:
A
1
D
4
EO C
Pb Free Mark
Pb-Free: " . " (Note) Normal: None H
I RF
740 Date Code Control Code
2
3
5
I N 3
G
J
Note: Green label is used for pb-free packing Pin Style: 1.Gate 2.Drain 3.Source Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
F
2 K 1 M L
DIM Min. A 6.48 C 4.40 D 2.34 E 0.45 F 9.80 G 3.10 I 2.70 J 0.60 K 2.34 L 12.48 M 15.67 N 0.90 O 2.00 1/2/4/5 3
Max. 7.40 4.90 3.00 0.80 10.36 3.60 3.43 1.00 2.74 13.60 16.20 1.47 2.96 *5o *27o
*: Typical, Unit: mm
3-Lead TO-220FP Plastic Package HSMC Package Code: F
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931 HIRF740, HIRF740F HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Soldering Methods for HSMC's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP Ramp-up TL Tsmax Temperature tL
Spec. No. : MOS200512 Issued Date : 2005.09.01 Revised Date : 2005.09.22 Page No. : 4/4
Critical Zone TL to TP
Tsmin tS Preheat
Ramp-down
25 t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3 C/sec 100oC 150oC 60~120 sec <3oC/sec 183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o o
Pb-Free Assembly <3oC/sec 150oC 200oC 60~180 sec <3oC/sec 217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
Peak temperature 245 C 5 C
o o
Dipping time 5sec 1sec 5sec 1sec
260 C +0/-5 C
o
o
HIRF740, HIRF740F
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HIRF740

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X